PART |
Description |
Maker |
CSE15UG |
Capacitiv Switch Element under Glas
|
Schurter Inc.
|
MB8F MB05F |
Miniature Glas Passivated Single-Phase
|
Guangzhou Juxing Electronic Co., Ltd. Guangzhou Juxing Electr...
|
5TTP250 |
Fuses, 250mA 250V SB UL GLAS LEAD
|
BEL FUSE INC
|
MDBL054 |
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
|
Jinan Gude Electronic D... JGD[Jinan Gude Electronic Device]
|
50RIA40M 50RIA40S90 50RIA120 50RIA80S90M 50RIA 50R |
100V 50A Phase Control SCR in a TO-208AC (TO-65) package 800V 50A Phase Control SCR in a TO-208AC (TO-65) package 1000V 50A Phase Control SCR in a TO-208AC (TO-65) package 400V 50A Phase Control SCR in a TO-208AC (TO-65) package 1600V 80A Phase Control SCR in a TO-208AC (TO-65) package 1200V 50A Phase Control SCR in a TO-208AC (TO-65) package 1400V 80A Phase Control SCR in a TO-208AC (TO-65) package 600V 50A Phase Control SCR in a TO-208AC (TO-65) package MEDIUM POWER THYRISTORS Silicon Controlled Rectifier, 80 A, 1600 V, SCR, TO-208AC, TO-65, 2 PIN
|
IRF[International Rectifier] Vishay Semiconductors
|
X40030S14-A X40030S14-B X40031S14-A X40031S14-B X4 |
THYRISTOR/DIODE MODULE, 50A 1400VTHYRISTOR/DIODE MODULE, 50A 1400V; Voltage, Vrrm:1400V; Current, It av:50A; Case style:SEMIPACK 1; Current, It rms:95A; Current, Itsm:1500A; Voltage, Vgt:3V; Current, Igt:150mA; Centres, fixing:80mm; Triple Voltage Monitor with Intergrated CPU Supervisor
|
Intersil Corporation
|
BTW67-1200RG BTW67-600RG BTW67-800RG BTW69-800RG B |
BTW67 and BTW69 Series 50A SCRS 50A standard SCRs
|
http:// STMicroelectronics ST Microelectronics
|
0251012.VRL 0253.375MRT3L |
VERY FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
|
FDD10AN06A0 |
N-Channel PowerTrench MOSFET 60V, 50A, 10.5mOhm N-Channel PowerTrench MOSFET 60V, 50A, 10.5mз N-Channel PowerTrench MOSFET 60V/ 50A/ 10.5m
|
FAIRCHILD[Fairchild Semiconductor]
|
HM11-52004 HM11-21001 HM11-21302 HM11-21503 HM11-2 |
LEAD FREE A8904SLB-T WITH TAPE & REEL Vertical Mount Inductors BACKLIGHT DRIVER FOR MEDIUM SIZE LCDS 50 AMP BI-DIRECTIONAL CURRENT SENSOR 75 AMP BI-DIRECTIONAL CURRENT SENSOR 100 AMP BI-DIRECTIONAL CURRENT SENSOR 30A BI-DIRECTIONAL CURRENT SENSOR Hall Effect IC; Package/Case:module-5; Current Rating:-50A to ; Leaded Process Compatible:Yes; Operating Temp. Min:-20 C; Peak Reflow Compatible (260 C):Yes; Primary Sensed Current :50A; Primary Sensed Current -:50A RoHS Compliant: Yes LEAD FREE A8904SLP-T WITH TAPE & REEL 20A BI-DIRECTIONAL CURRENT SENSOR 垂直安装电感
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
FDD8445 |
N-Channel PowerTrench? MOSFET 40V, 50A, 8.7mOhm N-Channel PowerTrench㈢ MOSFET 40V, 50A, 8.7mOhm
|
Fairchild Semiconductor
|
MFU MFU0603FF00500E000 MFU0603FF00500E100 MFU0603F |
VERY FAST BLOW ELECTRIC FUSE, 1.25A, 32VDC, 50A (IR), SURFACE MOUNT Thin Film Flat Chip Fuses VERY FAST BLOW ELECTRIC FUSE, 2.5A, 32VDC, 50A (IR), SURFACE MOUNT
|
Vishay Siliconix VISHAY BEYSCHLAG
|